Part Number Hot Search : 
MBB51CAS A5C10 KBPC15 W9NK90 A1012 17D039 DS2741NT F052102
Product Description
Full Text Search
 

To Download NTE1301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1301 Integrated Circuit AM/FM IF
Description: The NTE1301 is a silicon monolithic integrated circuit in a 7-Lead SIP type package designed for the AM/FM IF amplifier of a radio receiver. Two differential amplifiers and an AGC circuit perform good limiting quality for FM operation and good AGC characteristics for AM operation. Features: D Structure: Silicon Monolithic Integrated Circuit D Applications: AM-IF, FM-IF, AM-AGC Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Operating Temperature Range, Topt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15 to +60C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50 to +125C Electrical Characteristics: (TA = +25C, VCC = 4V unless otherwise specified)
Parameter Supply Current Transfer Conductance Symbol ID gm No Signal f = 455kHz (CW), Vi = 1mV f = 455kHz (CW), Vi = 1mV, VCC = 2.66V f = 10.7MHz (CW), Vi = 1mV (Dev = 22.5kHz, fM = 1kHz) Noise Level Output Level (FM) Differential Amp 1 Output Output Level (AM) VN VO VM AGC f = 455kHz (CW), Vi = 80dB, V2 = 0V f = 10.7Mhz (Dev = 22.5kHz, fM = 1kHz), Vi = 100dB f = 10.7MHz, Vi = 100dB, VCC = 2.66V (Dev = 22.5kHz, fM = 1kHz) f = 455kHz, Vi = 53dB, V2 = 0.8V, Rg = 1k (MOD 30%, 1kHz) f = 455kHz, Vi = 53dB, V2 = 0.8V, VCC = 2.66V, Rg = 1k (MOD 30%, 1kHz) f = 455kHz, Vi = 97dB, V2 = 0V, Rg = 1k (MOD 30%, 1kHz) f = 455kHz, Vi = 97dB, V2 = 0V, VCC = 2.66V, Rg = 1k (MOD 30%, 1kHz) Output Level (AM) VDet f = 455kHz, Vi = 67dB, VCC = 1.8V (MOD 30%, 1kHz) Test Conditions Min 6.5 162 90 162 - -29 252 -32 -37 -41 - -41 Typ 9.5 260 160 250 -78 -26 350 -28 -31 -27 -32 -34 Max Unit 12.5 418 308 396 -70 -23 473 -23 -24 -14 -19 - mA m M m dBs dBs mV dBs dBs dBs dBs dBs
Pin Connection Diagram (Front View)
7 RF Output 6 VCC 5 Coupling Capacitor 4 GND 3 Coupling Capacitor 2 AGC Input 1 RF Input
.760 (19.3) Max
.118 (3.0) Max
.264 (6.72) Max 1 7
.177 (4.5) Min
.100 (2.54) Typ .600 (15.24)


▲Up To Search▲   

 
Price & Availability of NTE1301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X